Part Number Hot Search : 
331M1 A6303 MC144111 FR2504 243R3 CAT102 BH3515FV ST2N6520
Product Description
Full Text Search
 

To Download 202750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Fuses
Subminiature Surface Mount & Dip Types
FLAT-PAK(R) Fast Acting Fuse 202 Series
Fast-Acting and Slo-Blo(R) Fuse versions of the Flat-Pak(R) Fuse designs are available. Both designs are available in either a gull-wing surface mount package or a DIP configuration for through-hole mounting. These fuse designs feature a 250 VAC rating in a low profile, rectangular package.
(R)
(R)
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 200% Opening Time 4 hours, Minimum 2 seconds, Maximum Reference Dimensions:
202 FLAT- PAK 202GFLAT- PAK
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and Certified by CSA.
F L
F 2A 250 V 9.45 (.372")
F L
6.35 (.250") 4.19 (.165")
F 2A 250 V 9.45 (.372")
PAT 4563666
PAT 4563666
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862. INTERRUPTING RATING:
50 amperes at 250 VAC.
6.35 (.250") 4.19 (.165")
ENVIRONMENTAL SPECIFICATION: Operating Temperature: -55C to 125C. PHYSICAL SPECIFICATIONS: Materials: Body: Thermoplastic
Terminations: Tin/Lead Plated Copper
.135"
0.08 (.003") 1.40 (.055") 10.16 (.400") 0.30 (.012") 0.53 (.021") 15.24 (.600")
1.52 (.060")
6o
DIP Configuration (Thru-Hole) Mounting
SMF Configuration ("Gull Wing" Surface Mount)
17.12 (.674) 4.06 (.160) 2.79 (.110) 11.53 (.454)
Soldering Parameters:
Wave Solder -- 260C, 3 seconds maximum. Reflow Solder -- 215C, 30 seconds maximum. Solderability: MIL-STD-202, Method 208. Cleaning: Board washable in most common solvents.
Recommended Pad Layout
1/2A 3/4A 1A 1 1/2A 2A 2 1/2A 3A 4A 5A
SMF Fuses -- 24mm Tape and Reel per EIA-RS481-2 (IEC 286, part 3); 500 per reel. DIP Fuses -- Antistatic magazine, 100 per magazine.
100
PATENTED ORDERING INFORMATION
Catalog Number 202.062 202.125 202.250 202.500 202.750 202 001 202 01.5 202 002 202 02.5 202 003 202 004 202 005
1
10
Catalog1 Number 202.062G 202.125G 202.250G 202.500G 202.750G 202 001G 202 01.5G 202 002G 202 02.5G 202 003G 202 004G 202 005G
Ampere Rating 1/16 1/8 1/4 1/2 3/4 1 11/2 2 21/2 3 4 5
Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250
Nominal Resistance Cold Ohms 7.90 2.45 0.880 0.298 0.166 0.119 0.0701 0.0469 0.0455 0.0327 0.0244 0.0174
Nominal Melting I 2t A2 Sec. 0.000220 0.00180 0.0147 0.0363 0.0980 0.192 0.540 1.07 1.76 1.71 3.00 4.68
TIME IN SECONDS
1
0.1
0.01
SMF fuse marking includes the letter "G" next to the series number indicating "Gull-Wing".
0.001 0.05 0.1
1
10 100 CURRENT IN AMPERES
1000
w w w. l i t t e l f u s e . c o m
387
SURFACE MOUNT FUSES
1/16A
PACKAGING SPECIFICATIONS:
Average Time Current Curves
1/8A 1/4A
10


▲Up To Search▲   

 
Price & Availability of 202750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X